PART |
Description |
Maker |
ATMEGA16L |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 8 Channel 10-bit A/D-converter.
|
ATMEL
|
ATMEGA128 ATMEGA128L |
128-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 4-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 128-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 4-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation.
|
Atmel
|
ATMEGA162 ATMEGA162L ATMEGA162V |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 MHz. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 1 MIPS throughput at 1 MHz.
|
Atmel
|
ATMEGA8535 ATMEGA8535L |
8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 16 MIPS throughput at 16 MHz. 8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation
|
Atmel
|
ST10F271 ST10F271Z1T3 ST10F271Z1Q3 |
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
|
STMicroelectronics
|
ST10F273Z4Q3 ST10F273Z4T3 |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
STMicroelectronics
|
ST62T20 ST62T25 ST62T28 ST62T52 ST62T53 ST62T55 ST |
EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 32Mb CellularRAM EPROM编程议会部件的ST62家庭 EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY EPROM编程议会讨论ST62单片机系 EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY EPROM编程议会部件的ST62家庭
|
http:// ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 Microchip Technology, Inc. STMicroelectronics N.V.
|
SLE66C80S |
16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 8-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 8KB EEPROM))
|
SIEMENS AG
|
SLE66C40S |
16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 4-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 4KB EEPROM))
|
SIEMENS AG
|
SLE66C320S-T85-C SLE66C320S-V5-C SLE66C320SC SLE66 |
Security & Chip Card ICs SLE 66C320S 安全 Security & Chip Card ICs SLE 66C320S 16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 32-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 32KB EEPROM)) 16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 32-Kbyte EEPROM(16位安全控制器(32-KB ROM,1280B RAM, 32KB EEPROM)) 16位安全控制器32字节ROM280字节RAM32字节的EEPROM6位安全控制器(带32 - KB的光盘,1280B的RAM32KB的EEPROM的)
|
INFINEON[Infineon Technologies AG] SIEMENS AG
|
LTC1262 LTC1262C LTC1262CN8 LTC1262CS8 LTC1262I LT |
12V, 30mA Flash Memory Programming Supply 12V的,30mA的闪存编程电 12V/ 30mA Flash Memory Programming Supply From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|